PART |
Description |
Maker |
MAX494 MAX494CPD MAX494CSD MAX494EPD MAX494ESD MAX |
High-Output RS-485 Transceiver 8-SOIC -40 to 85 Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad / Micropower / Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
AD62707 AD627BNZ AD627BRZ AD627BRZ-R7 AD627BRZ-RL |
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial INSTRUMENTATION AMPLIFIER, 190 uV OFFSET-MAX, 0.08 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
LT1078IS8PBF LT1078ISWTRPBF LT1079ISWTRPBF LT1079I |
Micropower, Dual, Single Supply, Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps
|
Linear Technology
|
LT1077AC LT1077ACH LT1077ACJ8 LT1077ACN8 LT1077AI |
Micropower, Single Supply, Precision Op Amp From old datasheet system Micropower/ Single Supply/ Precision Op Amp Micropower Single Supply Precision Op Amp JT 18C 18#20 SKT PLUG
|
LINER[Linear Technology] Linear Technology Corporation
|
EL8170ISZ EL8170 EL8173 EL8170IS-T13 EL8170IS-T7 E |
microPower, Single-Supply, CMOS Instrumentation Amplifier Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
|
INTERSIL[Intersil Corporation]
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL2828807 ISL28488 ISL28488FAZ ISL28488FAZ-T7 ISL |
Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
|
http:// Intersil Corporation
|
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
ISL28276IAZ-T ISL28276IAZ ISL28276 |
Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
|
Intersil Corporation
|
EL8186 EL8186ISZ-T13 EL8186IWZ-T7 EL8186IWZ-T7A EL |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp 微功耗单电源轨到轨输入输出精密运算放大器 Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp OP-AMP, 1000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO6 Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp OP-AMP, 1000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|